| データシートサーチシステム |
|
MCP9804-E/MS データシート(PDF) 45 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP9804-E/MS データシート(HTML) 45 Page - Microchip Technology |
|
45 / 52 page ![]() 2009-2018 Microchip Technology Inc. DS20002203D-page 45 MCP9804 /******************************************************************** * Function Name: i2c_write * Return Value: Status byte for WCOL detection. * Parameters: Single data byte for I2C2 bus. * Description: This routine writes a single byte to the * I2C2 bus. ********************************************************************/ unsigned char i2c_write( unsigned char i2cWriteData ) { PIR1bits.SSPIF = 0; // clear interrupt while ( SSPSTATbits.BF ) ; // wait for idle condition SSPBUF = i2cWriteData; // Load SSPBUF with i2cWriteData (the value to be transmit- ted) while (!PIR1bits.SSPIF) ; // wait for a flag to be set PIR1bits.SSPIF = 0; // clear flag return ( !SSPCON2bits.ACKSTAT ); // function returns '1' if transmission is acknowledged } /******************************************************************** * Function Name: i2c_read * Return Value: contents of SSP2BUF register * Parameters: ack = 1 and nak = 0 * Description: Read a byte from I2C bus and ACK/NAK device ********************************************************************/ unsigned char i2c_read( unsigned char ack ) { unsigned char i2cReadData; PIR1bits.SSPIF = 0;// clear interrupt while ( SSPSTATbits.BF ) ; // wait for idle condition SSPCON2bits.RCEN = 1; // enable receive mode while (!PIR1bits.SSPIF) ; // wait for a flag to be set PIR1bits.SSPIF = 0;// clear flag i2cReadData = SSPBUF; // Read SSPBUF and put it in i2cReadData if ( ack ) { // if ack=1 SSPCON2bits.ACKDT = 0; // then transmit an Acknowledge } else { SSPCON2bits.ACKDT = 1; // otherwise transmit a Not Acknowledge } SSPCON2bits.ACKEN = 1; // send acknowledge sequence while (!PIR1bits.SSPIF) ; // wait for a flag to be set PIR1bits.SSPIF = 0;// clear flag return( i2cReadData ); // return the value read from SSPBUF } |