| データシートサーチシステム |
|
CSNF181 データシート(PDF) 8 Page - Honeywell Solid State Electronics Center |
|
|
|||||||||||||||||||||||||||||
CSNF181 データシート(HTML) 8 Page - Honeywell Solid State Electronics Center |
|
8 / 9 page ![]() Solid State Sensors CSN Series Closed Loop Current Sensors Honeywell MICRO SWITCH Sensing and Control 1-800-537-6945 USA 1-815-235-6847 International 1-800-737-3360 Canada 67 CSNF, CSNR, CSNP, CSNT SERIES ORDER GUIDE Catalog Listings Peak Current Range Amps Supply Voltage VDC ± 5% Coil Characteristics Meas. Currents Nom. Meas. Resist (@ Inom) Turns Resistance CSNP661 ±90 ±12 to 15 1000 30 @70°C 50 mA for 50 A 50 to 100 CSNT651 ±150 ±12 to 15 2000 100 @70°C 25mAfor 50 A 40to75 CSNF161 ±150 ±12 to 15 1000 30 @70°C 100 mA for 100 A 10 to 40 CSNF151 ±180 ±12 to 15 2000 100 @70°C 50mAfor 100 A 10to75 CSNR161 ±200 ±12 to 15 1000 30 @70°C 125 mA for 125 A 30 to 40 CSNR151 ±200 ±12 to 15 2000 100 @70°C 62.5 mA for 125 A 10 to 40 NOTE: Busbar options available. SPECIFICATIONS Catalog Listings CSNP661 CSNT651 CSNF161 CSNF151 CSNR161 CSNR151 Offset Current @ 25°C, mA max. ±0.20 ±0.10 ±0.20 ±0.10 ±0.20 ±0.10 Temperature Drift, 0 to 70°C, mA ±0.30 typ. ±0.15 typ. ±0.30 typ. ±0.15 typ. ±0.30 typ. ±0.15 typ. ±0.50 max. ±0.25 max. ±0.50 max. ±0.25 max. ±0.60 max. ±0.30 max. Linearity ±0.1% ±0.1% ±0.1% ±0.1% ±0.1% ±0.1% Supply Voltage ±12 to 15V ±12 to 15V ±12 to 15V ±12 to 15V ±12 to 15V ±12 to 15V Galvanic Isolation @ 50 Hz/1 min. 3 kV rms 3 kV rms 3 kV rms 3 kV rms 3 kV rms 3 kV rms Accuracy ±0.5% of IN (nominal Current) at 25°C Response Time <500 ns Bandwidth DC to 150 kHz Operating Temperature −40 to 85°C(−40 to 185°F) −40 to 85°C(−40 to 185°F) Storage Temperature −40 to 90°C(−40 to 194°F) −40 to 90°C(−40 to 194°F) Primary Circuit Connection Thru-hole Secondary Circuit Connection 3 pins Current Drain 10 mA (no load current) + output current 14 mA (no load current) + output current ‘‘In-Out’’ Sense Signal To obtain positive measuring current on O/P terminal, current must flow in direction of arrow Mounting 3 pins Pin Style A A BBBB WIRING DIAGRAM PDFINFO p a g e - 0 6 7 |