データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STV-5410-R01 データシート(PDF) 49 Page - STMicroelectronics

部品番号 STV-5410-R01
部品情報  Mono and Colour Digital Video CMOS Image Sensors
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV-5410-R01 データシート(HTML) 49 Page - STMicroelectronics

Back Button STV-5410-R01 Datasheet HTML 45Page - STMicroelectronics STV-5410-R01 Datasheet HTML 46Page - STMicroelectronics STV-5410-R01 Datasheet HTML 47Page - STMicroelectronics STV-5410-R01 Datasheet HTML 48Page - STMicroelectronics STV-5410-R01 Datasheet HTML 49Page - STMicroelectronics STV-5410-R01 Datasheet HTML 50Page - STMicroelectronics STV-5410-R01 Datasheet HTML 51Page - STMicroelectronics STV-5410-R01 Datasheet HTML 52Page - STMicroelectronics STV-5410-R01 Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 105 page
background image
Figure 28 : Reseting the Sensor via the Serial Interface (example shown is 4wire output mode)
FH
9H,6H,9H,6H...
N
0
1
D[3:0]
CLKI
Frame
Number
SDA
SCL
2
3
4
5
Start of Frame Line for the 1st
frame of valid video data.
Valid Video data.
setup0[2]
SR0-SR1
“Soft-Reset” Command. At the end of the command the sensor is reset and enters low-power mode.
SR2
The sensor enters low-power mode.
SR3-SR4
“Exit Low Power Mode” Command. Powers-up analogue circuits and initates the sensor’s 4-frame start-up sequence
SR5-SR6
1 Frame of alternating 9H & 6H data on D[3:0] for the host to determine the best sampling phase for the nibble data (D[3:0]).
SR7-SR8
4 Frames after the “Exit Low-Power mode” command, the sensor starts outputing valid video data.
One frame of 9H &6H data.
FH
setup0[0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More