| データシートサーチシステム |
|
STV-YUV/CIF-R02 データシート(PDF) 53 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STV-YUV/CIF-R02 データシート(HTML) 53 Page - STMicroelectronics |
|
53 / 105 page ![]() Figure 30 : Entering and Exiting Low Power Mode (example is 4wire mode). N 0 1 D[3:0] CLKI Frame Number SDA SCL 2 3 4 5 Start of Frame Line for the 1st frame of valid video data. Valid Video data. setup0[0] LP0-LP1 “Enter Low Power Mode” Command. LP2 At end of current frame, the sensor will enter the low power mode and the databus will be driven high. LP3-LP4 “Exit Low Power Mode” Command sent to sensor - sensor begins power up sequence. LP5-LP6 1 Frame of alternating 9H & 6H data on D[3:0] for the host to determine the best sampling phase for the nibble data (D[3:0]). LP7-LP8 4 Frames after the “Exit low Power Mode” command, the sensor starts outputing valid video data. One frame of 9H &6H data. FH FH 9H,6H,9H,6H... |