データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AT24CS32 データシート(PDF) 4 Page - Microchip Technology

部品番号 AT24CS32
部品情報  I²C-Compatible (Two-Wire) Serial EEPROM with a Unique,Factory-Programmed 128-Bit Serial Number 32‑Kbit (4,096 x 8)
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AT24CS32 データシート(HTML) 4 Page - Microchip Technology

  AT24CS32 Datasheet HTML 1Page - Microchip Technology AT24CS32 Datasheet HTML 2Page - Microchip Technology AT24CS32 Datasheet HTML 3Page - Microchip Technology AT24CS32 Datasheet HTML 4Page - Microchip Technology AT24CS32 Datasheet HTML 5Page - Microchip Technology AT24CS32 Datasheet HTML 6Page - Microchip Technology AT24CS32 Datasheet HTML 7Page - Microchip Technology AT24CS32 Datasheet HTML 8Page - Microchip Technology AT24CS32 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 42 page
background image
1.
Package Types (not to scale)
5-Lead SOT23(1)
(Top View)
SCL
1
2
3
5
4
GND
SDA
WP
Vcc
A0
A1
A2
GND
Vcc
WP
SCL
SDA
8-Pad UDFN
(Top View)
1
2
3
4
5
6
7
8
8-Lead SOIC/TSSOP
(Top View)
A0
1
2
3
4
8
7
6
5
A1
A2
GND
Vcc
WP
SCL
SDA
Note: 
1.
Refer to Device Addressing for details about addressing the SOT23 version of the device.
AT24CS32
Package Types (not to scale)
© 2020 Microchip Technology Inc.
Datasheet
DS20006341A-page 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42