データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AT24CS32-SSHM-B データシート(PDF) 6 Page - Microchip Technology

部品番号 AT24CS32-SSHM-B
部品情報  I²C-Compatible (Two-Wire) Serial EEPROM with a Unique,Factory-Programmed 128-Bit Serial Number 32‑Kbit (4,096 x 8)
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AT24CS32-SSHM-B データシート(HTML) 6 Page - Microchip Technology

Back Button AT24CS32-SSHM-B Datasheet HTML 2Page - Microchip Technology AT24CS32-SSHM-B Datasheet HTML 3Page - Microchip Technology AT24CS32-SSHM-B Datasheet HTML 4Page - Microchip Technology AT24CS32-SSHM-B Datasheet HTML 5Page - Microchip Technology AT24CS32-SSHM-B Datasheet HTML 6Page - Microchip Technology AT24CS32-SSHM-B Datasheet HTML 7Page - Microchip Technology AT24CS32-SSHM-B Datasheet HTML 8Page - Microchip Technology AT24CS32-SSHM-B Datasheet HTML 9Page - Microchip Technology AT24CS32-SSHM-B Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
If the pin is left floating, the WP pin will be internally pulled down to GND. However, due to capacitive coupling that
may appear in customer applications, Microchip recommends always connecting the WP pin to a known state. When
using a pull‑up resistor, Microchip recommends using 10 kΩ or less.
Table 2-2. Write-Protect
WP Pin Status
Part of the Array Protected
At VCC
Full Array
At GND
Normal Write Operations
2.6
Device Power Supply (VCC)
The Device Power Supply (VCC) pin is used to supply the source voltage to the device. Operations at invalid VCC
voltages may produce spurious results and should not be attempted.
AT24CS32
Pin Descriptions
© 2020 Microchip Technology Inc.
Datasheet
DS20006341A-page 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42