データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ABX00087 データシート(PDF) 13 Page - Arduino

部品番号 ABX00087
部品情報  Arduino® UNO R4 WiFi
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ARDUINO [Arduino]
ホームページ  https://www.arduino.cc/
Logo ARDUINO - Arduino

ABX00087 データシート(HTML) 13 Page - Arduino

Back Button ABX00087 Datasheet HTML 9Page - Arduino ABX00087 Datasheet HTML 10Page - Arduino ABX00087 Datasheet HTML 11Page - Arduino ABX00087 Datasheet HTML 12Page - Arduino ABX00087 Datasheet HTML 13Page - Arduino ABX00087 Datasheet HTML 14Page - Arduino ABX00087 Datasheet HTML 15Page - Arduino ABX00087 Datasheet HTML 16Page - Arduino ABX00087 Datasheet HTML 17Page - Arduino Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
Arduino® UNO R4 WiFi
13 / 23
Arduino® UNO R4 WiFi
Modified: 29/08/2023
These LEDs can be accessed as an array, using a specific library. See the mapping below:
LED matrix number mapping.
This matrix can be used for a number of projects and prototyping purposes, and supports animation, simple game
designs and scrolling text among other things.
9 Digital Analog Converter (DAC)
The UNO R4 WiFi has a DAC with up to 12-bit resolution attached to the A0 analog pin. A DAC is used to convert a
digital signal to an analog signal.
The DAC can be used for signal generation for e.g. audio applications, like generating and altering sawtooth waves.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23