| データシートサーチシステム |
|
TPIC5423LDW データシート(PDF) 2 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TPIC5423LDW データシート(HTML) 2 Page - Texas Instruments |
|
2 / 11 page ![]() TPIC5423L 4-CHANNEL INDEPENDENT GATE-PROTECTED LOGIC-LEVEL POWER DMOS ARRAY SLIS045 – NOVEMBER 1994 2–2 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 absolute maximum ratings over operating case temperature range (unless otherwise noted)† Drain-to-source voltage, VDS 60 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Source-to-GND voltage 100 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Drain-to-GND voltage 100 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Gate-to-source voltage range, VGS – 9 V to 18 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Continuous drain current, each output, TC = 25°C 1.25 A . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Continuous source-to-drain diode current, TC = 25°C 1.25 A . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Pulsed drain current, each output, Imax, TC = 25°C (see Note 1 and Figure 15) 4 A . . . . . . . . . . . . . . . . . . . . . Continuous gate-to-source zener-diode current, TC = 25°C ±50 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Pulsed gate-to-source zener-diode current, TC = 25°C ±500 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Single-pulse avalanche energy, EAS, TC = 25°C (see Figures 4 and 16) 96 mJ . . . . . . . . . . . . . . . . . . . . . . . . Continuous total dissipation, TC = 25°C (see Figure 15) 1.39 W . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Operating virtual junction temperature range, TJ –40 °C to 150°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Operating case temperature range, TC –40 °C to 125°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Storage temperature range – 65 °C to 150°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds 260 °C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . † Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. NOTE 1: Pulse duration = 10 ms, duty cycle = 2% |