| データシートサーチシステム |
|
MP3326GR データシート(PDF) 34 Page - Monolithic Power Systems |
|
|
|||||||||||||||||||||||||||||
MP3326GR データシート(HTML) 34 Page - Monolithic Power Systems |
|
34 / 36 page ![]() MP3326 – 16-CHANNEL LED DRIVER WITH I2C AND SEPARATED PDIM/ADIM . MP3326 Rev. 1.0 www.MonolithicPower.com 34 1/4/2021 MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited. © 2021 MPS. All Rights Reserved. PACKAGE INFORMATION QFN-24 (4mmx4mm) with Wettable Flank SIDE VIEW BOTTOM VIEW NOTE: 1) THE LEAD SIDE IS WETTABLE. 2) ALL DIMENSIONS ARE IN MILLIMETERS. 3) LEAD COPLANARITY SHALL BE 0.08 MILLIMETERS MAX. 4) JEDEC REFERENCE IS MO-220. 5) DRAWING IS NOT TO SCALE. PIN 1 ID MARKING TOP VIEW PIN 1 ID INDEX AREA RECOMMENDED LAND PATTERN PIN 1 ID SECTION A-A |