| データシートサーチシステム |
|
FT18 データシート(PDF) 13 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
FT18 データシート(HTML) 13 Page - NXP Semiconductors |
|
13 / 16 page ![]() 2000 January 13 Philips Semiconductors Product specification Frame Transfer CCD Image Sensor FT 18 Pin configuration The FT18 is mounted in a ceramic DIL 32-pin package. The position of pin 1 is marked with a white dot on top of the package. Pinning Symbol Name Pin # VNS VNS VPS VPS SFDL SFDR SFSL SFSR VCSL VCSR OGL OGR RDL RDR A1 A2 A3 A4 B1 B2 B3 B4 C1 C1 C2 C2 C3 C3 RGL RGR OUTL OUTR N substrate N substrate P well P well Source Follower Drain Left Source Follower Drain Right Source Follower Source Left Source Follower Source Right Current Source Gate Left Current Source Gate Right Output Gate left Output Gate Right Reset Drain Left Reset Drain Right Image Clock (Phase 1) Image Clock (Phase 2) Image Clock (Phase 3) Image Clock (Phase 4) Storage Clock (Phase 1) Storage Clock (Phase 2) Storage Clock (Phase 3) Storage Clock (Phase 4) Register Clock (Phase 1) Register Clock (Phase 1) Register Clock (Phase 2) Register Clock (Phase 2) Register Clock (Phase 3) Register Clock (Phase 3) Reset Gate Left Reset Gate Right Output Left Output Right 12 21 5 28 9 24 8 25 7 26 6 27 11 22 3 4 30 29 1 2 32 31 14 19 15 18 16 17 13 20 10 23 |