| データシートサーチシステム |
|
M24128-BWMB6/P データシート(PDF) 18 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M24128-BWMB6/P データシート(HTML) 18 Page - STMicroelectronics |
|
18 / 34 page ![]() Device operation M24128, M24C64, M24C32 18/34 Figure 10. Read mode sequences 1. The seven most significant bits of the Device Select Code of a Random Read (in the 1st and 4th bytes) must be identical. DEV SEL * BYTE ADDR BYTE ADDR DEV SEL DATA OUT 1 AI01105C DATA OUT N CURRENT ADDRESS READ DEV SEL DATA OUT RANDOM ADDRESS READ DEV SEL * DATA OUT SEQUENTIAL CURRENT READ DATA OUT N DEV SEL * BYTE ADDR BYTE ADDR SEQUENTIAL RANDOM READ DEV SEL * DATA OUT 1 ACK R/W NO ACK ACK R/W ACK ACK ACK R/W ACK ACK ACK NO ACK R/W NO ACK ACK ACK ACK R/W ACK ACK R/W ACK NO ACK |