| データシートサーチシステム |
|
74LCX646 データシート(PDF) 5 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
74LCX646 データシート(HTML) 5 Page - STMicroelectronics |
|
5 / 13 page ![]() M74LCX646 5/13 ABSOLUTE MAXIMUM RATINGS Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these conditions is not implied 1) IO absolute maximum rating must be observed 2) VO < GND RECOMMENDED OPERATING CONDITIONS 1) Truth Table guaranteed: 1.5V to 3.6V 2) VIN from 0.8V to 2V at VCC = 3.0V Symbol Parameter Value Unit VCC Supply Voltage -0.5 to +7.0 V VI DC Input Voltage -0.5 to +7.0 V VO DC Output Voltage (OFF State) -0.5 to +7.0 V VO DC Output Voltage (High or Low State) (note 1) -0.5 to VCC + 0.5 V IIK DC Input Diode Current - 50 mA IOK DC Output Diode Current (note 2) - 50 mA IO DC Output Current ± 50 mA ICC DC Supply Current per Supply Pin ± 100 mA IGND DC Ground Current per Supply Pin ± 100 mA Tstg Storage Temperature -65 to +150 °C TL Lead Temperature (10 sec) 300 °C Symbol Parameter Value Unit VCC Supply Voltage (note 1) 2.0 to 3.6 V VI Input Voltage 0 to 5.5 V VO Output Voltage (OFF State) 0 to 5.5 V VO Output Voltage (High or Low State) 0 to VCC V IOH, IOL High or Low Level Output Current (VCC = 3.0 to 3.6V) ± 24 mA IOH, IOL High or Low Level Output Current (VCC = 2.7V) ± 12 mA Top Operating Temperature -55 to 125 °C dt/dv Input Rise and Fall Time (note 2) 0 to 10 ns/V |