| データシートサーチシステム |
|
UPD16670 データシート(PDF) 21 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
UPD16670 データシート(HTML) 21 Page - Renesas Technology Corp |
|
21 / 26 page ![]() Data Sheet S10297EJ1V0DS00 19 µµµµPD16670 8.3 Change display data Command/data Parameter STB b7 b6 b5 b4 b3 b2 b1 b0 Description Start H XXXX X XX X Address register 1 L 1100000 0 Display data RAM Address register 2 L 0001000 1 Display RAM address = 11H (2 lines 2 clumns) Character data 1 L 0010000 0 Display RAM address = 11H, Data write: character code (20H: space) Character data 2 L 0100111 0 Display RAM address = 12H, Data write: character code (4EH: ”N”) Character data 3 L 0100010 1 Display RAM address = 13H, Data write: character code (45H: ”E”) Character data 4 L 0100001 1 Display RAM address = 14H, Data write: character code (43H: ”C”) Character data 5 L 0010000 0 Display RAM address = 15H, Data write: character code (20H: space) End H XXXXXXX X Remark X = Don't Care 8.4 Standby mode Command/data Parameter STB b7 b6 b5 b4 b3 b2 b1 b0 Description Start H XXXX X XX X Standby L 0001000 1 Standby H XXXXXXX X Standby off L 0001000 0 Normal operation Note End H XXXXXXX X Note When in standby mode, DC/DC converter is stop. If the display operation mode is set before entering the standby mode, it may not be normally working until DC/DC converter, which set after cleaning the standby mode. Remark X = Don't Care 5 5 |