| データシートサーチシステム |
|
UPD16675AP/W データシート(PDF) 16 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
UPD16675AP/W データシート(HTML) 16 Page - Renesas Technology Corp |
|
16 / 38 page ![]() 14 µµµµPD16675A 5.3 Command Register The command register’s basic configuration is as follows. b7 b6 b5 b4 b3 b2 b1 b0 Choices MSB LSB Command type (0 ×H to B×H) 5.3.1 Reset All the IC’s commands are initialized. Resetting takes effect only during the internally predetermined time (one shot). 00100111 MSB LSB 5.3.2 Display ON/OFF ON/OFF of the display is controlled. 00001 b2 b1 b0 Choices 000: LCD OFF (SEGn, COMn, PCOMn = VEE) 001: LCD OFF (SEGn, COMn, PCOMn = nonselective waveform) 111: LCD ON MSB LSB 5.3.3 Standby The DC/DC converter is stopped, thus reducing the supply current. The display is placed in the OFF state (SEGn, COMn = VEE). 00010 b2 b1 b0 Choices 000: Normal operation 001: Standby (DC/DC converter halt, all display OFFNote ) MSB LSB Note SEGn, COMn, PCOMn = VEE |