データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DIX4192IPFBT データシート(PDF) 33 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
部品番号 DIX4192IPFBT
部品情報  Integrated Digital Audio Interface Receiver and Transmitter
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BURR-BROWN [Burr-Brown (TI)]
ホームページ  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DIX4192IPFBT データシート(HTML) 33 Page - Burr-Brown (TI)

Back Button DIX4192IPFBT Datasheet HTML 29Page - Burr-Brown (TI) DIX4192IPFBT Datasheet HTML 30Page - Burr-Brown (TI) DIX4192IPFBT Datasheet HTML 31Page - Burr-Brown (TI) DIX4192IPFBT Datasheet HTML 32Page - Burr-Brown (TI) DIX4192IPFBT Datasheet HTML 33Page - Burr-Brown (TI) DIX4192IPFBT Datasheet HTML 34Page - Burr-Brown (TI) DIX4192IPFBT Datasheet HTML 35Page - Burr-Brown (TI) DIX4192IPFBT Datasheet HTML 36Page - Burr-Brown (TI) DIX4192IPFBT Datasheet HTML 37Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 60 page
background image
www.ti.com
DIX4192
SBFS031C – JANUARY 2006 – REVISED JUNE 2006
Register Page 2 contains the digital interface transmitter (or DIT) channel status and user data buffers. These
buffers correspond to the data contained in the C and U bits of the transmitted AES3-encoded data stream. The
contents of these buffers may be written through the SPI or I2C serial host interface to configure the C and U
bits of the transmitted AES3 data stream. The buffers may also be read for verification by the host system. See
Table 7 for the DIT channel status buffer map, and Table 8 for the DIT user data buffer map.
Register Page 3 is reserved for factory test and verification purposes, and cannot be accessed without an unlock
code. The unlock code remains private; the test modes disable normal operation of the device, and are not
useful in customer applications.
33
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60