データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ULN2003D1013TR データシート(PDF) 9 Page - STMicroelectronics

部品番号 ULN2003D1013TR
部品情報  Seven darlington array
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ULN2003D1013TR データシート(HTML) 9 Page - STMicroelectronics

Back Button ULN2003D1013TR Datasheet HTML 5Page - STMicroelectronics ULN2003D1013TR Datasheet HTML 6Page - STMicroelectronics ULN2003D1013TR Datasheet HTML 7Page - STMicroelectronics ULN2003D1013TR Datasheet HTML 8Page - STMicroelectronics ULN2003D1013TR Datasheet HTML 9Page - STMicroelectronics ULN2003D1013TR Datasheet HTML 10Page - STMicroelectronics ULN2003D1013TR Datasheet HTML 11Page - STMicroelectronics ULN2003D1013TR Datasheet HTML 12Page - STMicroelectronics ULN2003D1013TR Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
ULN200XA/XD1
Package mechanical data
9/14
6
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect. The category of
second Level Interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14