| データシートサーチシステム |
|
VIPER22AS-E データシート(PDF) 5 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VIPER22AS-E データシート(HTML) 5 Page - STMicroelectronics |
|
5 / 20 page ![]() VIPer22ADIP/ VIPer22AS - E Electrical Characteristics Rev1 5/20 Table 5. Oscillation section Symbol Parameter Test conditions Min. Typ. Max. Unit FOSC Oscillator frequency total variation VDD = VDDoff ... 35V; TJ = 0 ... 100°C 54 60 66 kHz Table 6. PWM Comparator section Symbol Parameter Test Conditions Min. Typ. Max. Unit GID IFB to ID current gain (See Figure 11 on page 13) 560 IDlim Peak current limitation VFB = 0V (See Figure 11 on page 13) 0.56 0.7 0.84 A IFBsd IFB Shutdown current (See Figure 11 on page 13) 0.9 mA RFB FB Pin input impedance ID = 0mA (See Figure 11 on page 13) 1.2 k Ω td Current sense delay to turn-OFF ID = 0.4A 200 ns tb Blanking time 500 ns tONmin Minimum Turn-ON time 700 ns Table 7. Overtemperature section Symbol Parameter Test Conditions Min. Typ. Max. Unit TSD Thermal shutdown temperature (See Figure 12 on page 13) 140 170 °C THYST Thermal shutdown hysteresis (See Figure 12 on page 13) 40 °C Table 8. Typical Power Capability (1) 1. Above power capabilities are given under adequate thermal conditions Mains type SO-8 DIP-8 European (195 - 265 Vac) 12W 20W US / Wide range (85 - 265 Vac) 7W 12W |