データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

VIPER22ASTR-E データシート(PDF) 10 Page - STMicroelectronics

部品番号 VIPER22ASTR-E
部品情報  Low Power OFF-Line SMPS Primary Switcher
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER22ASTR-E データシート(HTML) 10 Page - STMicroelectronics

Back Button VIPER22ASTR-E Datasheet HTML 6Page - STMicroelectronics VIPER22ASTR-E Datasheet HTML 7Page - STMicroelectronics VIPER22ASTR-E Datasheet HTML 8Page - STMicroelectronics VIPER22ASTR-E Datasheet HTML 9Page - STMicroelectronics VIPER22ASTR-E Datasheet HTML 10Page - STMicroelectronics VIPER22ASTR-E Datasheet HTML 11Page - STMicroelectronics VIPER22ASTR-E Datasheet HTML 12Page - STMicroelectronics VIPER22ASTR-E Datasheet HTML 13Page - STMicroelectronics VIPER22ASTR-E Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Operations
VIPer22ADIP/ VIPer22AS - E
10/20
Rev1
4.4
Startup sequence
Figure 6.
Startup sequence
This device includes a high voltage start up current source connected on the drain of the
device. As soon as a voltage is applied on the input of the converter, this start up current
source is activated as long as VDD is lower than VDDon. When reaching VDDon, the start up
current source is switched OFF and the device begins to operate by turning on and off its
main power MOSFET. As the FB pin does not receive any current from the optocoupler, the
device operates at full current capacity and the output voltage rises until reaching the
regulation point where the secondary loop begins to send a current in the optocoupler. At
this point, the converter enters a regulated operation where the FB pin receives the amount
of current needed to deliver the right power on secondary side.
This sequence is shown in Figure 6. Note that during the real starting phase tss, the device
consumes some energy from the VDD capacitor, waiting for the auxiliary winding to provide
a continuous supply. If the value of this capacitor is too low, the start up phase is terminated
before receiving any energy from the auxiliary winding and the converter never starts up.
This is illustrated also in the same figure in dashed lines.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20