| データシートサーチシステム |
|
TSV912 データシート(PDF) 5 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TSV912 データシート(HTML) 5 Page - STMicroelectronics |
|
5 / 18 page ![]() TSV911-TSV912-TSV914 Electrical characteristics 5/18 3 Electrical characteristics Table 3. Electrical characteristics at VCC = +2.5V VDD = 0V, Vicm = VCC/2, Tamb = 25°C, R L connected to Vcc/2 (unless otherwise specified) Symbol Parameter Conditions Min. Typ. Max. Unit DC performance Vio Offset voltage TSV91x - 0.1 4.5 mV Tmin. < Top < Tmax. - - 7.5 TSV91xA - - 1.5 Tmin. < Top < Tmax. - - 3 DVio/DT Input offset voltage drift - 2 - µV/°C Iio Input offset current (Vout = Vcc/2) - 1 10(1) pA Iib Input bias current (Vout = Vcc/2) - 1 10(1) pA CMR Common Mode rejection ratio 20 log ( ∆V ic/∆Vio) 0V to 2.5V, Vout = 1.25V 58 75 - dB Avd Large signal voltage gain RL= 10kΩ, Vout= 0.5V to 2V 80 89 - dB Vcc- VOH High level output voltage RL = 10kΩ RL = 600Ω 15 45 40 150 mV VOL Low level output voltage RL = 10kΩ RL = 600Ω - 15 45 40 150 mV Iout Isink Vo = 2.5V 18 32 - mA Tmin. < Tamb < Tmax. 16 - - Isource Vo = 0V 18 35 - Tmin. < Tamb < Tmax. 16 - - ICC Supply current (per operator) No load, Vout=Vcc/2 - 0.78 1.1 mA Tmin. < Top < Tmax. - - 1.1 AC performance GBP Gain bandwidth product RL = 2kΩ, CL = 100pF, f = 100kHz - 8 - MHz Fu Unity gain frequency RL = 2kΩ, CL = 100pF, 7.2 MHz φm Phase margin RL = 2kΩ, CL = 100pF - 45 - Degrees Gm Gain margin RL = 2kΩ, CL = 100pF - 8 - dB SR Slew rate RL = 2kΩ, CL = 100pF, Av=1 - 4.5 - V/ µs |