| データシートサーチシステム |
|
TSV911AID データシート(PDF) 4 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TSV911AID データシート(HTML) 4 Page - STMicroelectronics |
|
4 / 18 page ![]() Absolute maximum ratings & operating conditions TSV911-TSV912-TSV914 4/18 2 Absolute maximum ratings & operating conditions Table 1. Absolute maximum ratings (AMR) Symbol Parameter Value Unit VCC Supply voltage(1) 1. All voltage values, except differential voltage are with respect to network ground terminal. 6 V Vid Differential input voltage (2) 2. Differential voltages are the non-inverting input terminal with respect to the inverting input terminal. ±VCC V Vin Input voltage (3) 3. Vcc-Vin must not exceed 6V. VDD-0.2 to VCC+0.2 V Tstg Storage temperature -65 to +150 °C Rthja Thermal resistance junction to ambient(4) (5) 4. Short-circuits can cause excessive heating and destructive dissipation. 5. Rth are typical values. - °C/W SOT23-5 250 SO-8 125 MiniSO-8 190 SO-14 103 TSSOP14 100 Rthjc Thermal resistance junction to case - °C/W SOT23-5 81 SO-8 40 MiniSO8 39 SO14 31 TSSOP14 32 Tj Maximum junction temperature 150 °C ESD HBM: human body model(6) 6. Human body model: 100pF discharged through a 1.5k Ω resistor between two pins of the device, done for all couples of pin combinations with other pins floating. 5 kV MM: machine model(7) 7. Machine model: a 200pF cap is charged to the specified voltage, then discharged directly between two pins of the device with no external series resistor (internal resistor < 5 Ω), done for all couples of pin combinations with other pins floating. 300 V CDM: charged device model(8) 8. Charge device model: all pins plus package are charged together to the specified voltage and then discharged directly to the ground. 1.5 kV Latch-up immunity 200 mA Table 2. Operating conditions Symbol Parameter Value Unit VCC Supply voltage 2.5 to 5.5 V Vicm Common mode input voltage range VDD -0.1 to VCC +0.1 V Toper Operating free air temperature range -40 to +125 °C |