| データシートサーチシステム |
|
IRS2001PBF データシート(PDF) 15 Page - International Rectifier |
|
|
|||||||||||||||||||||||||||||
IRS2001PBF データシート(HTML) 15 Page - International Rectifier |
|
15 / 15 page ![]() IRS2001(S)PbF www.irf.com 15 PRELIMINARY IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245 Tel: (310) 252-7105 ORDER INFORMATION 8-Lead PDIPIRS2001PbF 8-Lead SOIC IRS2001SPbF 8-Lead SOIC Tape & Reel IRS2001STRPbF LEADFREE PART MARKING INFORMATION Lead Free Released Non-Lead Free Released Part number Date code IRSxxxxx YWW? ?XXXX Pin 1 Identifier IR logo Lot Code (Prod mode - 4 digit SPN code) Assembly site code Per SCOP 200-002 P ? MARKING CODE The SOIC-8 is MSL2 qualified. This product has been designed and qualified for the industrial level. Qualification standards can be found at www.irf.com <http://www.irf.com/> Data and specifications subject to change without notice. 6/28/2006 |