データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M34C02-WDW6TP データシート(PDF) 27 Page - STMicroelectronics

部品番号 M34C02-WDW6TP
部品情報  2 Kbit Serial I짼C Bus EEPROM for DIMM serial presence detect
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M34C02-WDW6TP データシート(HTML) 27 Page - STMicroelectronics

Back Button M34C02-WDW6TP Datasheet HTML 23Page - STMicroelectronics M34C02-WDW6TP Datasheet HTML 24Page - STMicroelectronics M34C02-WDW6TP Datasheet HTML 25Page - STMicroelectronics M34C02-WDW6TP Datasheet HTML 26Page - STMicroelectronics M34C02-WDW6TP Datasheet HTML 27Page - STMicroelectronics M34C02-WDW6TP Datasheet HTML 28Page - STMicroelectronics M34C02-WDW6TP Datasheet HTML 29Page - STMicroelectronics M34C02-WDW6TP Datasheet HTML 30Page - STMicroelectronics M34C02-WDW6TP Datasheet HTML 31Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 27 / 31 page
background image
M34C02-W, M34C02-L, M34C02-R
Package mechanical
27/31
8
Package mechanical
Figure 14.
UFDFPN8 (MLP8) 8-lead Ultra thin Fine pitch Dual Flat Package No lead
2x3mm², Package Outline
1.
Drawing is not to scale.
2.
The central pad (the area E2 by D2 in the above illustration) is pulled, internally, to VSS. It must not be
allowed to be connected to any other voltage or signal line on the PCB, for example during the soldering
process.
Table 15.
UFDFPN8 (MLP8) 8-lead Ultra thin Fine pitch Dual Flat Package No lead
2x3mm², Package Mechanical Data
Symbol
millimeters
inches
Typ.
Min.
Max.
Typ.
Min.
Max.
A
0.55
0.50
0.60
0.022
0.020
0.024
A1
0.00
0.05
0.000
0.002
b
0.25
0.20
0.30
0.010
0.008
0.012
D
2.00
0.079
D2
1.55
1.65
0.061
0.065
ddd
0.05
0.002
E
3.00
0.118
E2
0.15
0.25
0.006
0.010
e0.50–
0.020
L
0.45
0.40
0.50
0.018
0.016
0.020
L1
0.15
0.006
L3
0.30
0.012
N8
8
D
E
UFDFPN-01
A
A1
ddd
L1
e
b
D2
L
E2
L3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31