データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M34C02-WMB1G データシート(PDF) 7 Page - STMicroelectronics

部品番号 M34C02-WMB1G
部品情報  2 Kbit Serial I짼C Bus EEPROM for DIMM serial presence detect
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M34C02-WMB1G データシート(HTML) 7 Page - STMicroelectronics

Back Button M34C02-WMB1G Datasheet HTML 3Page - STMicroelectronics M34C02-WMB1G Datasheet HTML 4Page - STMicroelectronics M34C02-WMB1G Datasheet HTML 5Page - STMicroelectronics M34C02-WMB1G Datasheet HTML 6Page - STMicroelectronics M34C02-WMB1G Datasheet HTML 7Page - STMicroelectronics M34C02-WMB1G Datasheet HTML 8Page - STMicroelectronics M34C02-WMB1G Datasheet HTML 9Page - STMicroelectronics M34C02-WMB1G Datasheet HTML 10Page - STMicroelectronics M34C02-WMB1G Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
M34C02-W, M34C02-L, M34C02-R
Summary description
7/31
Figure 1.
Logic diagram
Figure 2.
TSSOP and MLP connections (top view)
1.
See Section 8: Package mechanical for package dimensions, and how to identify pin-1.
Table 1.
Signal names
E0, E1, E2
Chip Enable
SDA
Serial Data
SCL
Serial Clock
WC
Write Control
VCC
Supply Voltage
VSS
Ground
AI01931b
3
E0-E2
SDA
VCC
M34C02-W
M34C02-L
M34C02-R
WC
SCL
VSS
SDA
VSS
SCL
WC
E1
E0
VCC
E2
AI01932d
M34C02-W
M34C02-L
M34C02-R
1
2
3
4
8
7
6
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31