| データシートサーチシステム |
|
SI53112-A00AGM データシート(PDF) 31 Page - Skyworks Solutions Inc. |
|
|
|||||||||||||||||||||||||||||
SI53112-A00AGM データシート(HTML) 31 Page - Skyworks Solutions Inc. |
|
31 / 35 page ![]() Si53112 Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com 31 Rev. 1.1 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • September 2, 2021 8. Package Outline Figure 13 illustrates the package details for the Si53112. Table 26 lists the values for the dimensions shown in the illustration. Figure 13. 64-Pin Quad Flat No Lead (QFN) Package Table 26. Package Diagram Dimensions Dimension Min Nom Max A 0.80 0.85 0.90 A1 0.00 0.02 0.05 b 0.18 0.25 0.30 D 9.00 BSC. D2 6.00 6.10 6.20 e 0.50 BSC. E 9.00 BSC. E2 6.00 6.10 6.20 L 0.30 0.40 0.50 aaa 0.10 bbb 0.10 ccc 0.08 ddd 0.10 eee 0.05 Notes: 1. All dimensions shown are in millimeters (mm) unless otherwise noted. 2. Dimensioning and Tolerancing per ANSI Y14.5M-1994. 3. This drawing conforms to JEDEC outline MO-220 4. Recommended card reflow profile is per the JEDEC/IPC J-STD-020 specification for Small Body Components. |