データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MPC5200 データシート(PDF) 78 Page - Freescale Semiconductor, Inc

部品番号 MPC5200
部品情報  Hardware Specifications
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FREESCALE [Freescale Semiconductor, Inc]
ホームページ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5200 データシート(HTML) 78 Page - Freescale Semiconductor, Inc

Back Button MPC5200 Datasheet HTML 72Page - Freescale Semiconductor, Inc MPC5200 Datasheet HTML 73Page - Freescale Semiconductor, Inc MPC5200 Datasheet HTML 74Page - Freescale Semiconductor, Inc MPC5200 Datasheet HTML 75Page - Freescale Semiconductor, Inc MPC5200 Datasheet HTML 76Page - Freescale Semiconductor, Inc MPC5200 Datasheet HTML 77Page - Freescale Semiconductor, Inc MPC5200 Datasheet HTML 78Page - Freescale Semiconductor, Inc MPC5200 Datasheet HTML 79Page - Freescale Semiconductor, Inc MPC5200 Datasheet HTML 80Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 78 / 80 page
background image
MPC5200 Data Sheet, Rev. 4
System Design Information
Freescale Semiconductor
78
5.4.2.2
Boards without COP connector
If the JTAG interface is not used, JTAG_TRST should be tied to PORRESET, so that it is asserted when
the system reset signal (PORRESET) is asserted. This ensures that the JTAG scan chain is initialized
during power on. Figure 56 shows the connection of the JTAG interface without COP connector.
Figure 56. JTAG_TRST wiring for boards without COP connector
HRESET
SRESET
VDD
VDD
JTAG_TRST
VDD
JTAG_TMS
VDD
JTAG_TCK
VDD
JTAG_TDI
TEST_SEL_0
JTAG_TDO
HRESET
SRESET
10Kohm
10Kohm
MPC5200
PORRESET
PORRESET
10Kohm
10Kohm
10Kohm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80