| データシートサーチシステム |
|
ST7FL19F1MCE データシート(PDF) 45 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST7FL19F1MCE データシート(HTML) 45 Page - STMicroelectronics |
|
45 / 138 page ![]() ST7L15, ST7L19 45/138 I/O PORTS (cont’d) Figure 29. I/O Port General Block Diagram Table 8. Port Mode Options Legend: Off - implemented not activated On - implemented and activated DR DDR OR PAD VDD ALTERNATE ENABLE ALTERNATE OUTPUT 1 0 OR SEL DDR SEL DR SEL PULL-UP CONDITION P-BUFFER (see table below) N-BUFFER PULL-UP (see table below) 1 0 ANALOG INPUT If implemented ALTERNATE INPUT VDD DIODES (see table below) FROM OTHER BITS EXTERNAL REQUEST (eix) INTERRUPT SENSITIVITY SELECTION CMOS SCHMITT TRIGGER REGISTER ACCESS BIT From on-chip periphera l To on-chip peripheral Note: Refer to the Port Configuration table for device specific information. Combinational Logic Configuration Mode Pull-Up P-Buffer Diodes to VDD to VSS Input Floating with/without Interrupt Off Off On On Pull-up with/without Interrupt On Output Push-pull Off On Open Drain (logic level) Off 1 |