データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STTH3002CW データシート(PDF) 8 Page - STMicroelectronics

部品番号 STTH3002CW
部品情報  High efficiency ultrafast diode
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH3002CW データシート(HTML) 8 Page - STMicroelectronics

Back Button STTH3002CW Datasheet HTML 3Page - STMicroelectronics STTH3002CW Datasheet HTML 4Page - STMicroelectronics STTH3002CW Datasheet HTML 5Page - STMicroelectronics STTH3002CW Datasheet HTML 6Page - STMicroelectronics STTH3002CW Datasheet HTML 7Page - STMicroelectronics STTH3002CW Datasheet HTML 8Page - STMicroelectronics STTH3002CW Datasheet HTML 9Page - STMicroelectronics STTH3002CW Datasheet HTML 10Page - STMicroelectronics STTH3002CW Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Package information
STTH3002C
8/11
Table 7.
I2PAK Dimensions
REF.
DIMENSIONS
Millimeters
Inches
Min.
Max.
Min.
Max.
A
4.40
4.60
0.173
0.181
A1
2.40
2.72
0.094
0.107
b
0.61
0.88
0.024
0.035
b1
1.14
1.70
0.044
0.067
c
0.49
0.70
0.019
0.028
c2
1.23
1.32
0.048
0.052
D
8.95
9.35
0.352
0.368
e
2.40
2.70
0.094
0.106
e1
4.95
5.15
0.195
0.203
E
10
10.40
0.394
0.409
L
13
14
0.512
0.551
L1
3.50
3.93
0.138
0.155
L2
1.27
1.40
0.050
0.055
Table 8.
TOP3I dimensions
REF
DIMENSIONS
Millimeters
Inches
Min.
Max.
Min.
Max.
A
4.4
4.6
0.173
0.181
B
1.45
1.55
0.057
0.061
C
14.35
15.60
0.565
0.614
D
0.5
0.7
0.020
0.028
E
2.7
2.9
0.106
0.114
F
15.8
16.5
0.622
0.650
G
20.4
21.1
0.815
0.831
H
15.1
15.5
0.594
0.610
J
5.4
5.65
0.213
0.222
K
3.4
3.65
0.134
0.144
ØL
4.08
4.17
0.161
0.164
P
1.20
1.40
0.047
0.055
R
4.60 Typ.
0.181 Typ.
C
b2
c2
F
Ø I
L
A
a1
a2
B
e
b1
I4
l3
l2
c1
M
R
H
K
G
F
E
D
B
A
C
JJ
P
ØL



Html Pages

1 2 3 4 5 6 7 8 9 10 11