| データシートサーチシステム |
|
MB90347CE データシート(PDF) 22 Page - fujitsu semiconductor |
|
|
|||||||||||||||||||||||||||||
MB90347CE データシート(HTML) 22 Page - fujitsu semiconductor |
|
22 / 85 page ![]() MB90340E Series 22 (Continued) Type Circuit Remarks I • CMOS level output (IOL = 4 mA, IOH = −4 mA) • CMOS hysteresis input (with function to disconnect input during standby) • Automotive input (with function to disconnect input during standby) • A/D converter analog input J • CMOS level output (IOL = 4 mA, IOH = −4 mA) • D/A analog output • CMOS hysteresis input (with function to disconnect input during standby) • Automotive input (with function to disconnect input during standby) • A/D converter analog input K • Power supply input protection circuit L • A/D converter reference voltage power supply input pin, with the protection circuit • Flash memory devices do not have a protection circuit against VCC for pin AVRH CMOS hysteresis input Automotive input Standby control for input shutdown Analog input Pout Nout R P-ch N-ch CMOS hysteresis input Automotive input Standby control for input shutdown Analog input Analog output Pout Nout R P-ch N-ch N-ch P-ch ANE AVR ANE N-ch P-ch |