データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L7905CD2T-TR データシート(PDF) 13 Page - STMicroelectronics

部品番号 L7905CD2T-TR
部品情報  Negative voltage regulators
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7905CD2T-TR データシート(HTML) 13 Page - STMicroelectronics

Back Button L7905CD2T-TR Datasheet HTML 9Page - STMicroelectronics L7905CD2T-TR Datasheet HTML 10Page - STMicroelectronics L7905CD2T-TR Datasheet HTML 11Page - STMicroelectronics L7905CD2T-TR Datasheet HTML 12Page - STMicroelectronics L7905CD2T-TR Datasheet HTML 13Page - STMicroelectronics L7905CD2T-TR Datasheet HTML 14Page - STMicroelectronics L7905CD2T-TR Datasheet HTML 15Page - STMicroelectronics L7905CD2T-TR Datasheet HTML 16Page - STMicroelectronics L7905CD2T-TR Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
L7900 series
Package mechanical data
13/24
6
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect. The category of
second Level Interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24