データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M28W640FCT データシート(PDF) 49 Page - STMicroelectronics

部品番号 M28W640FCT
部品情報  64 Mbit (4Mbx16, Boot Block) 3V Supply Flash memory
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28W640FCT データシート(HTML) 49 Page - STMicroelectronics

Back Button M28W640FCT_06 Datasheet HTML 45Page - STMicroelectronics M28W640FCT_06 Datasheet HTML 46Page - STMicroelectronics M28W640FCT_06 Datasheet HTML 47Page - STMicroelectronics M28W640FCT_06 Datasheet HTML 48Page - STMicroelectronics M28W640FCT_06 Datasheet HTML 49Page - STMicroelectronics M28W640FCT_06 Datasheet HTML 50Page - STMicroelectronics M28W640FCT_06 Datasheet HTML 51Page - STMicroelectronics M28W640FCT_06 Datasheet HTML 52Page - STMicroelectronics M28W640FCT_06 Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 77 page
background image
M28W640FCT, M28W640FCB
Part numbering
49/77
1.
Devices are shipped from the factory with the memory content bits erased to ’1’. For a list of available
options (Speed, Package, etc.) or for further information on any aspect of this device, please contact the
ST Sales Office nearest to you.
Table 23.
Daisy Chain ordering scheme
Example:
M28W640FC
-ZB T
Device type
M28W640FC
Daisy chain
-ZB = TFBGA48: 6.39 x 10.5mm, 0.75 mm pitch
Option
E = ECOPACK® Package, Standard Packing
F = ECOPACK® Package, Tape & Reel Packing, 24mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77