| データシートサーチシステム |
|
CC1000-RWP2 データシート(PDF) 20 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
CC1000-RWP2 データシート(HTML) 20 Page - Texas Instruments |
|
20 / 55 page ![]() CC1000 SWRS048A Page 20 of 55 Manual Lock Automatic Lock Settling MODEM1. SETTLING (1:0) NRZ mode MODEM1.LOCK_ AVG_MODE =’1’ MODEM1.LOCK_ AVG_IN =’0’= →’1’** UART mode MODEM1.LOCK_ AVG_MODE =’1’ MODEM1.LOCK_ AVG_IN =’0’= →’1’** NRZ mode MODEM1.LOCK_ AVG_MODE =’0’ MODEM1.LOCK_ AVG_IN =’X’*** UART mode MODEM1.LOCK_ AVG_MODE =’0’ MODEM1.LOCK_ AVG_IN =’X’*** 00 14 11 16 16 01 25 22 32 32 10 46 43 64 64 11 89 86 128 128 Notes: ** The averaging filter is locked when MODEM1.LOCK_AVG_IN is set to 1 *** X = Do not care. The timer for the automatic lock is started when RX mode is set in the RFMAIN register Also please note that in addition to the number of bits required to lock the filter, you need to add the number of bits needed for the preamble detector. See the next section for more information. Table 4. Minimum preamble bits for locking the averaging filter, NRZ and UART mode Settling MODEM1. SETTLING (1:0) Free-running Manchester mode MODEM1.LOCK_ AVG_MODE =’1’ MODEM1.LOCK_ AVG_IN =’0’ 00 23 01 34 10 55 11 98 Table 5. Minimum number preamble chips for averaging filter, Manchester mode |