| データシートサーチシステム |
|
PIC12F683-E/P データシート(PDF) 10 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC12F683-E/P データシート(HTML) 10 Page - Microchip Technology |
|
10 / 148 page ![]() PIC12F683 DS41211B-page 8 Preliminary 2004 Microchip Technology Inc. 2.2.2 SPECIAL FUNCTION REGISTERS The Special Function Registers are registers used by the CPU and peripheral functions for controlling the desired operation of the device (see Table 2-1). These registers are static RAM. The special registers can be classified into two sets: core and peripheral. The Special Function Registers associated with the “core” are described in this section. Those related to the operation of the peripheral features are described in the section of that peripheral feature. FIGURE 2-2: DATA MEMORY MAP OF THE PIC12F683 Indirect addr.(1) TMR0 PCL STATUS FSR GPIO PCLATH INTCON PIR1 TMR1L TMR1H T1CON 00h 01h 02h 03h 04h 05h 06h 07h 08h 09h 0Ah 0Bh 0Ch 0Dh 0Eh 0Fh 10h 11h 12h 13h 14h 15h 16h 17h 18h 19h 1Ah 1Bh 1Ch 1Dh 1Eh 1Fh 20h 7Fh BANK 0 Unimplemented data memory locations, read as ‘0’. Note 1: Not a physical register. CMCON0 VRCON General Purpose Registers 96 Bytes EEDAT EEADR EECON2(1) File Address File Address WPU IOC Indirect addr.(1) OPTION_REG PCL STATUS FSR TRISIO PCLATH INTCON PIE1 PCON 80h 81h 82h 83h 84h 85h 86h 87h 88h 89h 8Ah 8Bh 8Ch 8Dh 8Eh 8Fh 90h 91h 92h 93h 94h 95h 96h 97h 98h 99h 9Ah 9Bh 9Ch 9Dh 9Eh 9Fh A0h FFh BANK 1 ADRESH ADCON0 EECON1 ADRESL ANSEL BFh General Purpose Registers 32 Bytes Accesses 70h-7Fh F0h TMR2 T2CON CCPR1L CCPR1H CCP1CON WDTCON CMCON1 OSCCON OSCTUNE PR2 |