| データシートサーチシステム |
|
ST3241EBPR データシート(PDF) 5 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST3241EBPR データシート(HTML) 5 Page - STMicroelectronics |
|
5 / 17 page ![]() ST3241E Maximum ratings 5/17 2 Maximum ratings Note: Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these condition is not implied. Note: 1 V+ and V- can have a maximum magnitude of +7V, but their absolute addition cannot exceed 13 V. Table 3. Absolute maximum ratings Symbol Parameter Value Unit VCC Supply Voltage -0.3 to 6 V V+ Extra Positive Voltage (Note 1) (VCC -0.3) to 7 V V- Extra negative Voltage (Note 1) 0.3 to -7 V V+ +|V-| (Note 1) 13 V SHDN, EN, TIN Input Voltage -0.3 to 6 V RIN Receiver Input Voltage Range ± 25 V TOUT Transmitter Output Voltage Range ± 13.2 V ROUT ROUTB INVALID Receiver Output Voltage Range -0.3 to (VCC + 0.3) V tSHORT Short Circuit Duration on TOUT (one at a time) Continuous Tstg Storage Temperature Range -65 to 150 °C Table 4. ESD Performance: transmitter outputs, receiver inputs Symbol Parameter Test Conditions Min. Typ. Max. Unit ESD ESD Protection voltage Human body model ± 15 KV ESD ESD Protection voltage IEC 1000-4-2 (contact discharge) ± 8KV |