| データシートサーチシステム |
|
BAS16 データシート(PDF) 3 Page - SMC Diode Solutions Co. LTD |
|
|
|||||||||||||||||||||||||||||
BAS16 データシート(HTML) 3 Page - SMC Diode Solutions Co. LTD |
|
3 / 4 page ![]() Technical Data Data Sheet N0583, Rev. A China - Germany - Korea - Singapore - United States http://www.smc-diodes.com - sales@ smc-diodes.com BAS16 For information on tape and reel specifications, including part orientation and tape sizes, please refer to our tape and reel packaging specification. Ordering Information Marking Diagram Device Package Shipping BAS16 SOT-23 3000pcs / reel Mechanical Dimensions SOT-23 SYMBOL Millimeters Inches MIN. MAX. MIN. MAX. A 0.890 1.150 0.035 0.045 A1 0.000 0.100 0.000 0.004 A2 0.900 1.050 0.035 0.041 b 0.300 0.500 0.012 0.020 c 0.076 0.170 0.003 0.007 D 2.650 3.050 0.104 0.120 E 1.190 1.400 0.047 0.055 E1 2.100 2.550 0.083 0.100 e 0.950 TYP. 0.037 TYP. e1 1.780 2.050 0.070 0.081 L 0.550 REF. 0.022 REF. L1 0.300 0.500 0.012 0.020 θ 0° 8° 0° 8° Carrier Tape Specification SOT-23 SYMBOL Millimeters Min. Max. A 3.05 3.25 B 2.67 2.87 C 1.12 1.32 d 1.40 1.60 E 1.65 1.85 F 3.40 3.60 P 3.90 4.10 P0 3.90 4.10 P1 1.90 2.10 W 7.90 8.30 A6 = Marking Code |