| データシートサーチシステム |
|
UPD161602A データシート(PDF) 14 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
UPD161602A データシート(HTML) 14 Page - Renesas Technology Corp |
|
14 / 26 page ![]() Data Sheet S15381EJ1V0DS 12 µµµµPD161602A/B 4.3 CLK Signal Input Input at least 4 clocks of the CLK signal after the rising of the STB signal. STB CLK STH Internal latch signal1 Internal latch signal2 Internal latch signal3 /1 2 3 4 5 6 1 2 3 4 7 8 Note Invalid D0 to D3 D4 to D6 D7 to D9 D10 to D12 D13 to D15 D16 to D18 D19 to D21 Note Note Note Internal latch signal : It is the signal that do latch the display data put in data register in output latch circuit. 5. MODE EXPLANATION Normal Mode/ 8-clor Display Mode CM POL Data Driver Output Status Driver Output (in normally white) MSB = H White level display H MSB = L Black level display MSB = H White level display H L MSB = L 8-color mode Black level display All bit = H White level display H All bit = L Black level display All bit = H White level display L L All bit = L 260,000-color mode Black level display |