データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AS7343 データシート(PDF) 33 Page - ams AG

部品番号 AS7343
部品情報  14-Channel Multi-Spectral Sensor
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMSCO [ams AG]
ホームページ  http://www.ams.com
Logo AMSCO - ams AG

AS7343 データシート(HTML) 33 Page - ams AG

Back Button AS7343 Datasheet HTML 29Page - ams AG AS7343 Datasheet HTML 30Page - ams AG AS7343 Datasheet HTML 31Page - ams AG AS7343 Datasheet HTML 32Page - ams AG AS7343 Datasheet HTML 33Page - ams AG AS7343 Datasheet HTML 34Page - ams AG AS7343 Datasheet HTML 35Page - ams AG AS7343 Datasheet HTML 36Page - ams AG AS7343 Datasheet HTML 37Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 57 page
background image
Document Feedback
AS7343
Register Description
Datasheet
• PUBLIC
DS001046
• v6-00 • 2023-Jun-07
57
│ 33
AGC_GAIN_MAX Register (Address 0xD7)
Figure 34:
AGC_GAIN_MAX Register
Addr: 0xD7
AGC_GAIN_MAX
Bit
Bit Name
Default
Access
Bit Description
7:4
AGC_FD_GAIN_MAX
9
RW
Flicker Detection AGC Gain Max.
Sets the maximum gain for flicker detection to
2������������������_������������_������������������������_������������������
Default value is 9 (256x). The range can be set from
0 (0.5x) to 10 (2048x).
3:0
Reserved
9
Reserved
Reserved
CFG8 Register (Address 0xC9)
Figure 35:
CFG8 Register
Addr: 0xC9
CFG8
Bit
Bit Name
Default
Access
Bit Description
7:6
FIFO_TH
2
RW
FIFO Threshold.
Sets a threshold on the FIFO level that triggers the first FIFO
buffer interrupt (FINT).
VALUE
FIFO_LVL
0
1
1
4
2
8
3
16
5:0
Reserved
0
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57