| データシートサーチシステム |
|
L6730B データシート(PDF) 40 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L6730B データシート(HTML) 40 Page - STMicroelectronics |
|
40 / 52 page ![]() L6730 Demo board L6730 - L6730B 40/52 Figure 36. Demo board schematic Table 7. Demoboard part list Reference Value Manufacturer Package Supplier R1 820Ω Neohm SMD 0603 IFARCAD R2 0Ω Neohm SMD 0603 IFARCAD R3 N.C. R4 10Ω 1% 100mW Neohm SMD 0603 IFARCAD R5 11K 1% 100mW Neohm SMD 0603 IFARCAD R6 6K2 1% 100mW Neohm SMD 0603 IFARCAD R7 4K3 1% 100mW Neohm SMD 0603 IFARCAD R8 2K7 1% 100mW Neohm SMD 0603 IFARCAD R9 1K8 1% 100mW Neohm SMD 0603 IFARCAD R10 1K2 1% 100mW Neohm SMD 0603 IFARCAD R11 2K7 1% 100mW Neohm SMD 0603 IFARCAD R12 1K Neohm SMD 0603 IFARCAD |