| データシートサーチシステム |
|
ST173C12CEJ2LP データシート(PDF) 4 Page - International Rectifier |
|
|
|||||||||||||||||||||||||||||
ST173C12CEJ2LP データシート(HTML) 4 Page - International Rectifier |
|
4 / 9 page ![]() ST173CPbF Series 4 Bulletin I25233 10/06 www.irf.com T J Max. operating temperature range -40 to 125 T stg Max. storage temperature range -40 to 150 R thJ-hs Max. thermal resistance, 0.17 DC operation single side cooled junction to heatsink 0.08 DC operation double side cooled R thC-hs Max. thermal resistance, 0.033 DC operation single side cooled case to heatsink 0.017 DC operation double side cooled F Mounting force, ± 10% 4900 N (500) (Kg) wt Approximate weight 50 g Parameter ST173C..C Units Conditions K/W Thermal and Mechanical Specification °C Case style TO - 200AB (A-PUK) See Outline Table K/W ΔR thJ-hs Conduction (The following table shows the increment of thermal resistence R thJ-hs when devices operate at different conduction angles than DC) Single Side Double Side Single Side Double Side 180° 0.015 0.016 0.011 0.011 120° 0.018 0.019 0.019 0.019 90° 0.024 0.024 0.026 0.026 K/W T J = T J max. 60° 0.035 0.035 0.036 0.037 30° 0.060 0.060 0.060 0.061 Sinusoidal conduction Rectangular conduction Conduction angle Units Conditions Ordering Information Table 5 68 9 ST 17 3 C 12 C H K 1 P 3 4 10 7 Device Code 12 1 - Thyristor 2 - Essential part number 3 - 3 = Fast turn off 4 - C = Ceramic Puk 5 - Voltage code: Code x 100 = V RRM (See Voltage Rating Table) 6 - C = Puk Case TO-200AB (A-PUK) 7 - Reapplied dv/dt code (for t q test condition) 8 -t q code 9 - 0 = Eyelet term. (Gate and Aux. Cathode Unsoldered Leads) 1 = Fast-on term. (Gate and Aux. Cathode Unsoldered Leads) 2 = Eyelet term. (Gate and Aux. Cathode Soldered Leads) 3 = Fast-on term. (Gate and Aux. Cathode Soldered Leads) - Critical dv/dt: None = 500V/µsec (Standard value) L = 1000V/µsec (Special selection) - P = Lead Free 10 t q (µs) dv/dt - t q combinations available dv/dt (V/µs) 20 50 100 200 400 15 CL -- -- -- -- 18 CP DP EP FP * -- 20 CK DK EK FK * HK 25 CJ DJ EJ FJ HJ 30 -- DH EH FH HH *Standard part number. All other types available only on request. 11 11 |