| データシートサーチシステム |
|
CSTS0200MGA06 データシート(PDF) 77 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
CSTS0200MGA06 データシート(HTML) 77 Page - STMicroelectronics |
|
77 / 153 page ![]() ST72334J/N, ST72314J/N, ST72124J 77/153 SERIAL PERIPHERAL INTERFACE (Cont’d) Figure 45. Data Clock Timing Diagram CPOL = 1) CPOL = 0) MISO (from master) MOSI (from slave) SS (to slave) CAPTURE STROBE CPHA =1 CPOL = 1 CPOL = 0 MSBit Bit 6 Bit 5 Bit 4 Bit3 Bit 2 Bit 1 LSBit MSBit Bit 6 Bit 5 Bit 4 Bit3 Bit 2 Bit 1 LSBit MISO (from master) MOSI SS (to slave) CAPTURE STROBE CPHA =0 Note: This figure should not be used as a replacement for parametric information. Refer to the Electrical Characteristics chapter. (from slave) VR02131B MSBit Bit 6 Bit 5 Bit 4 Bit3 Bit 2 Bit 1 LSBit MSBit Bit 6 Bit 5 Bit 4 Bit3 Bit 2 Bit 1 LSBit SCLK (with SCLK (with |