| データシートサーチシステム |
|
M95040-RMB3TP/G データシート(PDF) 40 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M95040-RMB3TP/G データシート(HTML) 40 Page - STMicroelectronics |
|
40 / 42 page ![]() Revision history M95040, M95020, M95010 40/42 12 Revision history Table 27. Document revision history Date Version Changes 10-May-2000 2.2 s/issuing three bytes/issuing two bytes/ in the 2nd sentence of the Byte Write Operation 16-Mar-2001 2.3 Human Body Model meets JEDEC std (Table 2). Minor adjustments to Figs 7,9,10,11 & Tab 9. Wording changes, according to the standard glossary Illustrations and Package Mechanical data updated 19-Jul-2001 2.4 Temperature range ‘3’ added to the -W supply voltage range in DC and AC characteristics 11-Oct-2001 3.0 Document reformatted using the new template 26-Feb-2002 3.1 Description of chip deselect after 8th clock pulse made more explicit 27-Sep-2002 3.2 Position of A8 in Read Instruction Sequence Figure corrected. Load Capacitance CL changed 24-Oct-2002 3.3 Minimum values for tCHHL and tCHHH changed. 24-Feb-2003 3.4 Description of Read from Memory Array (READ) instruction corrected, and clarified 28-May-2003 3.5 New products, identified by the process letter W, added 25-Jun-2003 3.6 Correction to current products, identified by the process letter K not L. ICC changed in DC characteristics, and tCHHL, tCHHH substituted in AC characteristics Voltage range -S upgraded by removing it, and adding the -R voltage range in its place Temperature range 5 removed. 21-Nov-2003 4.0 Table of contents, and Pb-free options added. VIL(min) improved to -0.45V 02-Feb-2004 4.1 VIL(max) and tCLQV(max) changed 01-Mar-2004 5.0 Absolute Maximum Ratings for VIO(min) and VCC(min) improved. Soldering temperature information clarified for RoHS compliant devices. New 5V and 2.5V devices, with process letter W, promoted from preliminary data to full data. Device Grade 3 clarified, with reference to HRCF and automotive environments |