データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M29F400BT データシート(PDF) 21 Page - STMicroelectronics

部品番号 M29F400BT
部品情報  4 Mbit (512Kb x8 or 256Kb x16, Boot Block) single supply Flash memory
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29F400BT データシート(HTML) 21 Page - STMicroelectronics

Back Button M29F400BT Datasheet HTML 17Page - STMicroelectronics M29F400BT Datasheet HTML 18Page - STMicroelectronics M29F400BT Datasheet HTML 19Page - STMicroelectronics M29F400BT Datasheet HTML 20Page - STMicroelectronics M29F400BT Datasheet HTML 21Page - STMicroelectronics M29F400BT Datasheet HTML 22Page - STMicroelectronics M29F400BT Datasheet HTML 23Page - STMicroelectronics M29F400BT Datasheet HTML 24Page - STMicroelectronics M29F400BT Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
M29F400BT, M29F400BB
Command interface
21/40
4.14
Unlock Bypass
After the Unlock Bypass command issue Unlock Bypass Program or Unlock Bypass Reset
commands.
4.15
Unlock Bypass Reset
After the Unlock Bypass Reset command read the memory as normal until another
command is issued.
4.16
Erase Suspend
After the Erase Suspend command read non-erasing memory blocks as normal, issue Auto
Select and Program commands on non-erasing blocks as normal.
4.17
Erase Resume
After the Erase Resume command the suspended Erase operation resumes, read the
Status Register until the Program/Erase Controller completes and the memory returns to
Read Mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40