データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

B772 データシート(PDF) 3 Page - STMicroelectronics

部品番号 B772
部品情報  PNP MEDIUM POWER TRANSISTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

B772 データシート(HTML) 3 Page - STMicroelectronics

  B772 Datasheet HTML 1Page - STMicroelectronics B772 Datasheet HTML 2Page - STMicroelectronics B772 Datasheet HTML 3Page - STMicroelectronics B772 Datasheet HTML 4Page - STMicroelectronics B772 Datasheet HTML 5Page - STMicroelectronics B772 Datasheet HTML 6Page - STMicroelectronics B772 Datasheet HTML 7Page - STMicroelectronics B772 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2SB772
2 Electrical Characteristics
3/8
2
Electrical Characteristics
Table 3.
Electrical Characteristics (TCASE = 25°C; unless otherwise specified)
Note: 1 Pulsed duration = 300
μs, duty cycle ≤1.5%.
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ICES
Collector Cut-off Current
(VBE = 0)
VCE = -60 V
-10
µA
ICEO
Collector Cut-off Current
(IB = 0)
VCE = -30 V
-100
µA
IEBO
Emitter Cut-off Current
(IC = 0)
VEB = -5 V
-10
µA
V(BR)CEO
Note: 1
Collector-Emitter Breakdown
Voltage
(IB = 0 )
IC = -10 mA
-30
V
V(BR)CBO
Collector-Base Breakdown
Voltage
(IE = 0 )
IC = -100 µA
-60
V
V(BR)EBO
Emitter-Base Breakdown Voltage
(IC = 0 )
IE = -100 µA
-5
V
VCE(sat)
Note: 1
Collector-Emitter Saturation
Voltage
IC = -1 A
IB = -50 mA
IC = -2 A
IB = -100 mA
IC = -3 A
IB = -150 mA
-0.4
-0.7
-1.1
V
V
V
VBE(sat)
Note: 1
Base-Emitter Saturation Voltage IC = -2 A
IB = -100 mA
-1.2
V
hFE
DC Current Gain
IC = -100 mA
VCE = -2 V
IC = -1 A
VCE = -2 V
IC = -3 A
VCE = -2 V
100
80
30
300
fT
Transition Frequency
IC = -0.1 A
VCE = -10 V
100
MHz



Html Pages

1 2 3 4 5 6 7 8