データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2360 データシート(PDF) 2 Page - STMicroelectronics

部品番号 2360
部品情報  Low voltage fast-switching PNP power transistors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2360 データシート(HTML) 2 Page - STMicroelectronics

  2360 Datasheet HTML 1Page - STMicroelectronics 2360 Datasheet HTML 2Page - STMicroelectronics 2360 Datasheet HTML 3Page - STMicroelectronics 2360 Datasheet HTML 4Page - STMicroelectronics 2360 Datasheet HTML 5Page - STMicroelectronics 2360 Datasheet HTML 6Page - STMicroelectronics 2360 Datasheet HTML 7Page - STMicroelectronics 2360 Datasheet HTML 8Page - STMicroelectronics 2360 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
1 Absolute Maximum Ratings
2STF2360 - 2STN2360
2/9
1
Absolute Maximum Ratings
Table 1.
Absolute Maximum Rating
Table 2.
Thermal Data
Note:
# Device mounted on a PCB area of 1 cm2.
Symbol
Parameter
Value
Unit
2STF2360
2STN2360
SOT-89
SOT-223
VCBO
Collector-Base Voltage
(IE = 0)
-60
V
VCEO
Collector-Emitter Voltage (IB = 0)
-60
V
VEBO
Emitter-Base Voltage
(IC = 0)
-6
V
IC
Collector Current
-3
A
ICM
Collector Peak Current (tP < 5ms)
-5
A
IB
Base Current
-0.2
A
IBM
Base Peak Current (tP < 5ms)
-0.4
A
PTOT
Total dissipation at Tamb = 25°C
1.4
1.6
W
Tstg
Storage Temperature
-65 to 150
°C
TJ
Max. Operating Junction Temperature
150
°C
Symbol
Parameter
SOT-89
SOT-223
RthJ-amb
#
Thermal Resistance Junction-Ambient ______ ______Max
89
78
°C/W



Html Pages

1 2 3 4 5 6 7 8 9