| データシートサーチシステム |
|
UPD720100AGM-8ED データシート(PDF) 20 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
UPD720100AGM-8ED データシート(HTML) 20 Page - Renesas Technology Corp |
|
20 / 34 page ![]() Data Sheet S15535EJ3V0DS 18 µPD720100A System Clock Ratings Parameter Symbol Condition MIN. TYP. MAX. Unit X’tal −500 ppm 30 +500 ppm MHz Clock frequency fCLK Oscillator block −500 ppm 48 +500 ppm MHz Clock Duty cycle tDUTY 40 50 60 % Remarks 1. Recommended accuracy of clock frequency is ± 100 ppm. 2. Required accuracy of X’tal or Oscillator block is including initial frequency accuracy, the spread of X’tal capacitor loading, supply voltage, temperature, and aging, etc. |