データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST3243CDR データシート(PDF) 3 Page - STMicroelectronics

部品番号 ST3243CDR
部品情報  3 TO 5.5V, 400KBPS, RS-232 TRANSCEIVER WITH AUTO-POWERDOWN
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST3243CDR データシート(HTML) 3 Page - STMicroelectronics

  ST3243CDR Datasheet HTML 1Page - STMicroelectronics ST3243CDR Datasheet HTML 2Page - STMicroelectronics ST3243CDR Datasheet HTML 3Page - STMicroelectronics ST3243CDR Datasheet HTML 4Page - STMicroelectronics ST3243CDR Datasheet HTML 5Page - STMicroelectronics ST3243CDR Datasheet HTML 6Page - STMicroelectronics ST3243CDR Datasheet HTML 7Page - STMicroelectronics ST3243CDR Datasheet HTML 8Page - STMicroelectronics ST3243CDR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
ST3243
3/14
PIN CONFIGURATION
TRUTH TABLE
* If the part is in auto-powerdown mode (FORCE OFF =VCC, FORCE ON = GND) it is shutdown, if no valid RS-232 levels are present on all
receiver input
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these condition is
not implied. V+ and V- can have a maximum magnitude of +7V, but their absolute addition can not exceed 13 V.
(*) The device doesn’t meet 1KV ESD HBM
FORCE OFF
TOUT
ROUT
R2OUTB
0
HIGH Z
HIGH Z
ACTIVE *
1
ACTIVE *
ACTIVE *
ACTIVE *
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
-0.3 to 6
V
V+
Doubled Voltage Terminal
(VCC -0.3) to 7
V
V-
Inverted Voltage Terminal
0.3 to -7
V
V+ +|V-|
13
V
FORCEON,
FORCEOFF,
TIN
Input Voltage
-0.3 to 6
V
RIN
Receiver Input Voltage Range
± 25
V
TOUT
Transmitter Output Voltage Range
± 13.2
V
ROUT ROUTB
INVALID
Receiver Output Voltage Range
-0.3 to (VCC +0.3)
V
tSHORT
Short Circuit Duration on TOUT (one at a time)
Continuous
Tstg
Storage Temperature Range
-65 to 150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14