データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

RT3662EB データシート(PDF) 4 Page - Richtek Technology Corporation

部品番号 RT3662EB
部品情報  Single Channel PWM Controller with 2 Integrated Drivers for AMD SVI2 GPU CORE Power Supply
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RICHTEK [Richtek Technology Corporation]
ホームページ  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT3662EB データシート(HTML) 4 Page - Richtek Technology Corporation

  RT3662EB Datasheet HTML 1Page - Richtek Technology Corporation RT3662EB Datasheet HTML 2Page - Richtek Technology Corporation RT3662EB Datasheet HTML 3Page - Richtek Technology Corporation RT3662EB Datasheet HTML 4Page - Richtek Technology Corporation RT3662EB Datasheet HTML 5Page - Richtek Technology Corporation RT3662EB Datasheet HTML 6Page - Richtek Technology Corporation RT3662EB Datasheet HTML 7Page - Richtek Technology Corporation RT3662EB Datasheet HTML 8Page - Richtek Technology Corporation RT3662EB Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
RT3662EB
Copyright © 2019 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DS3662EB-04
August
2019
4
Functional Block Diagram
VIN
TON
GEN
Loop Control
Protection Logic
SVI2 Interface
Configuration Registers
Control Logic
UVLO
+
-
PWM
CMP
ADC
PVCC
QR_TH
GND
Driver
PWM1
Current
Balance
IB1
IB2
FB
RGND
Soft-Start &
Slew Rate Control
VSET
ERROR
AMP
From Control Logic
Offset
Cancellation
ISEN1N
ISEN1P
+
-
DAC
+
-
+
RAMP
IB1
VREF_PINSET
+
-
0.75 x AI_VDDC
ISEN2N
ISEN2P
+
-
IB2
IMON
+
-
OV/UV
OCP_SPIKE
To Protection Logic
OC
IMONI
1.867m
1.867m
COMP
VSEN
AI_VDDC
QR_TH
TONSET
OFFSET
PHOCP_TH
TONSET
PWM2
MUX
Driver
POR
LGATEx
PHASEx
UGATEx
BOOTx
Operation
The RT3662EB adopts G-NAVPTM (Green Native AVP)
which is Richtek's proprietary topology derived from
finite DC gain of EA amplifier with current mode control,
making it easy to set the droop to meet all AMD GPU
requirements of AVP (Adaptive Voltage Positioning).
The G-NAVPTM controller is one type of current mode
constant on-time control with DC offset cancellation.
The approach can not only improve DC offset problem
for increasing system accuracy but also provide fast
transient response. When current feedback signal
reaches COMP signal, it generates an on-time width to
achieve PWM modulation.
MUX and ADC
The MUX supports the inputs from SET1, TSEN,
IMONI and VSEN. The ADC converts these analog
signals to digital codes for reporting or performance
adjustment.
SVI2 Interface/Configuration Registers/Control
Logic
The SVI2 interface uses the SVC, SVD, and SVT pins
to communicate with GPU. The configuration registers
save the digital data from ADC output for reporting or
performance adjustment. The Control Logic controls
the ADC timing and generates the digital code of the
VID for VSEN voltage.
Loop Control Protection Logic
Loop control protection logic detects EN and UVLO
signals to initiate the soft-start function, and the
PGOOD and VRHOT_L will be controlled after the
soft-start is finished. When VRHOT indication event
occurs, the VRHOT_L pin voltage will be pulled low.
DAC
The DAC receives VID codes from the SVI2 control
logic to generate an internal reference voltage (VSET)
for controller.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com