| データシートサーチシステム |
|
RT5713 データシート(PDF) 15 Page - Richtek Technology Corporation |
|
|
|||||||||||||||||||||||||||||
RT5713 データシート(HTML) 15 Page - Richtek Technology Corporation |
|
15 / 25 page ![]() RT5713/14 Copyright © 2023 Richtek Technology Corporation. All rights reserved. is a registered trademark of Richtek Technology Corporation. DS5713/14-03 March 2023 www.richtek.com 15 GND TOP View VIN COUT L1 CIN The inputcapacitor CIN connected to this pin should be grounded with the shortest path The output capacitor COUT connected to this pin should be grounded with the shortest path The inductor should be connected to this pin with the shortest path. The VSEL and EN pin should be connected to MCU or GND. Do not floating these pins. VOUT TOP layer 2nd layer V IN GND LX GND EN V OUT V SE L Figure 6. RT5713 WDFN-6L 2x2 PCB Layout Guide GND TOP View VIN COUT L1 CIN The inputcapacitor CIN connected to this pin should be grounded with the shortest path The output capacitor COUT connected to this pin should be grounded with the shortest path The inductor should be connected to this pin with the shortest path. The VSEL and EN pin should be connected to MCU or GND. Do not floating these pins. VOUT TOP layer 2nd layer V IN GND LX GND EN V OUT V SE L Figure 7. RT5714 WDFN-6L 2x2 PCB Layout Guide |