| データシートサーチシステム |
|
L7806AC データシート(PDF) 13 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L7806AC データシート(HTML) 13 Page - STMicroelectronics |
|
13 / 28 page ![]() L7800AB/AC series Electrical characteristics 13/28 Table 10. Electrical characteristics of L7820A (VI = 28V, IO=1A, TJ = 0 to 150°C (L7820AC), TJ = -40 to 125°C (L7820AB), unless otherwise specified) Symbol Parameter Test conditions Min. Typ. Max. Unit VO Output voltage TJ = 25°C 19.6 20 20.4 V VO Output voltage IO = 5mA to 1A, PO ≤15W VI = 23 to 35V 19.2 20 20.8 V ∆VO (1) Line regulation VI = 23 to 35V, IO = 500 mA 200 mV VI = 26 to 32V 200 mV VI = 26 to 32V, TJ = 25°C 100 mV VI = 23 to 32V, TJ = 25°C 200 mV ∆VO (1) Load regulation IO = 5mA to 1A 25 100 mV IO = 5mA to 1.5A, TJ = 25°C 30 100 V IO = 250 to 750mA 10 50 V Iq Quiescent current TJ = 25°C 4.5 6 mA 6mA ∆Iq Quiescent current change VI = 23 to 35V, IO = 500 mA 0.8 mA VI = 23 to 35V, TJ = 25°C 0.8 mA IO = 5mA to 1A 0.5 mA SVR Supply voltage rejection VI = 24 to 35V, f = 120Hz, IO = 500mA 56 dB Vd Dropout voltage IO = 1A, TJ = 25°C 2 V eN Output noise voltage TA = 25°C, B =10Hz to 100KHz 10 µV/VO RO Output resistance f =1KHz 20 m Ω Isc Short circuit current VI = 35V, TA = 25°C 0.2 A Iscp Short circuit peak current TJ = 25°C 2.2 A ∆VO/∆T Output voltage drift -1 mV/°C 1. Load and line regulation are specified at constant junction temperature. Changes in VO due to heating effects must be taken into account separately. Pulse testing with low duty cycle is used. |