| データシートサーチシステム |
|
1802FX データシート(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
1802FX データシート(HTML) 1 Page - STMicroelectronics |
|
1 / 8 page ![]() Preliminary Data This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to change without notice. August 2006 Rev 1 1/8 8 Order codes Part Number Marking Package Packing MD1802FX MD1802FX ISOWATT218FX Tube MD1802FX High voltage NPN Power transistor for standard Definition CRT display General features ■ State-of-the-art technology: – Diffused collector “Enhanced generation” ■ More stable performances versus operating temperature variation ■ Low base-drive requirements ■ Tighter hFE range at operating collector current ■ High ruggedness ■ Fully insulated power package U.L. compliant ■ In compliance with the 2002/93/EC European directive Applications ■ Horizontal deflection output for TV ■ Switch mode power supplies for CRT TV Description The MD1802FX is manufactured using Diffused Collector in Planar Technology adopting new and enhanced high voltage structure. The new MD product series show improved silicon efficiency bringing updated performance to the Horizontal Deflection stage. Internal schematic diagram ISOWATT218FX 1 2 3 www.st.com |
同様の部品番号 - 1802FX |
|
同様の説明 - 1802FX |