| データシートサーチシステム |
|
MD1803DFX データシート(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
MD1803DFX データシート(HTML) 2 Page - STMicroelectronics |
|
2 / 10 page ![]() Electrical ratings MD1803DFX 2/10 1 Electrical ratings Table 1. Absolute maximum rating Table 2. Thermal data Symbol Parameter Value Unit VCES Collector-emitter voltage (VBE = 0) 1500 V VCEO Collector-emitter voltage (IB = 0) 700 V VEBO Emitter-base voltage (IC = 0) 10 V IC Collector current 10 A ICM Collector peak current (tP < 5ms) 15 A IB Base current 5 A PTOT Total dissipation at Tc = 25°C 57 W Visol Insulation withstand voltage (rms) from all three leads to external heatsink 2500 V Tstg Storage temperature -65 to 150 150 °C TJ Max. operating junction temperature Symbol Parameter Value Unit Rthj-case Thermal resistance junction-case ____________________Max 2.2 °C/W |